Part Number Hot Search : 
TDA15 MX25L32 EN8737A 0100C P336X DS44304 RF206 TFS70L
Product Description
Full Text Search
 

To Download 2N6286E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data pnp darlington pow er silicon transistor qualified per m il - prf - 1 9 5 0 0 / 5 0 5 devices qualified level 2n6286 2n6287 jantx jantxv maximum ratings ratings symbol 2n6286 2n6287 unit collector - emitter voltage v ceo - 80 - 100 vdc colle ctor - base voltage v cbo - 80 - 100 vdc emitter - base voltage v ebo - 7.0 vdc base current i b - 0.5 adc collector current i c - 20 adc total power dissipation (1) @ t c = +25 0 c @ t c = +100 0 c p t 175 87.5 w w operating & storage junction temperature range t op , t stg - 65 to +175 0 c thermal characteristics characteristics symbol max. unit thermal resistance, junction - to - case r q jc 0.857 0 c/w 1) derate linearly @ 1.17 w/ 0 c above t c > +25 0 c *see appendix a for package outline electrical characteristics (t c = 25 0 c unless otherwise noted) characteristics symbol min. max. unit off characteristics collector - emitter breakdown voltage i c = - 100 madc 2n6286 2n6287 v (br) ceo - 80 - 100 vdc collector - emitter cutoff current v ce = - 40 vdc 2n6286 v ce = - 50 vdc 2n6287 i ceo - 1.0 - 1.0 madc collector - emitter cutoff current v ce = - 80 vdc, v be = 1.5 vdc 2n6286 v ce = - 100 vdc, v be = 1.5 vdc 2n6287 i cex - 0.5 - 0.5 madc emitter - base cutoff current v eb = - 7.0 vdc i ebo - 2.5 adc 6 lake street, l awrence, ma 01841 1 - 800 - 446 - 1158 / (978) 794 - 1666 / fax: (978) 689 - 0803 120101 page 1 of 2 to - 3* (to - 204aa) downloaded from: http:///
2n6286, 2n6287 jan series electrical characteristics (cont) characteristics symbol min. max. unit on characteristics (2) forward - current transfer ratio i c = - 1.0 adc, v ce = - 3.0 vdc i c = - 10 adc, v ce = - 3.0 vdc i c = - 20 adc, v ce = - 3.0 vdc h fe 1,500 1,250 300 18,000 collector - emitter saturation voltage i c = - 20 adc, i b = - 200 madc i c = - 10 adc, i b = - 40 madc v ce(sat) - 3.0 - 2.0 vdc base - emitter saturation voltage i c = - 20 adc, i b = - 200 madc v be(sat) - 4.0 vdc base - emitter voltage i c = - 10 adc, v ce = - 3.0 vdc v be(on) - 2.8 vdc dynamic characteristics magnitude of common em itter small - signal short - circuit forward current transfer ratio i c = - 10 adc, v ce = - 3.0 vdc f = 1.0 mhz ? h fe ? 8.0 80 small - signal short - circuit forward current transfer ratio i c = - 10 adc, v ce = - 3.0 vdc h fe 300 output capacitance v cb = - 10 vdc, i e = 0, 100 khz f 1.0 mhz c obo 400 pf switching characteristics turn - on time v cc = - 30 vdc; i c = - 10 adc; i b = - 40 madc t on 2.0 m s turn - off time v cc = - 30 vdc; i c = - 10 adc; i b1 = i b2 = - 40 madc t off 10 m s safe operating area dc tes ts t c = +25 0 c, 1 cycle, t = 1.0 s test 1 v ce = - 8.75 vdc, i c = - 20 adc all types test 2 v ce = - 30 vdc, i c = - 5.8 adc all types test 3 v ce = - 80 vdc, i c = - 100 madc 2n6286 v ce = - 100 vdc, i c = - 100 madc 2n6287 (2) pulse test: pulse width = 300 m s, duty cycle 2.0%. 6 lake street, lawrence, ma 01841 1 - 800 - 446 - 1158 / (978) 794 - 1666 / fax: (978) 689 - 0803 120101 page 2 of 2 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2N6286E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X